ftr-jr series n ordering information ftr-jr j b 0 2 w C ** [example] (a) (b) (c) (d) (e) (f ) n f eatures l pole 6a slim relay with #87 tab terminal l nominal power: 530 mw (35% power reduction compared to vr series) l cadmium free contacts l insulation distance: 9.5mm, dielectric strength: 5k vac surge voltage 0k vac l jb: tab terminal and contact terminal are connected electrically jc: tab terminal and contact terminal are not connected electrically l ul class b (130 ?c), flamability 94v-0 l safety standards ul, csa, vde l rohs compliant since date code: 0434r please see page 5 for more information ftr-jr series power relay 1 pole 16 aslim power relay n applications l mircrowave oven magnetron, and heater note: the designation name is stamped on the top of the relay case as follows: (example: designation ordered: ftr-jrjb02w stamp: jrjb0 2w c l ) a ( e m a n s e i r e s s e i r e s r j - r t f ) b ( t n e m e g n a r r a t c a t n o a (#187) n i m r e t b a t : j ) c ( e p y t l i o c ) d e t c e n n o c s l a n i m r e t b c p d n a b a t ( w m 0 3 5 : b ) d e t c e n n o c n u s l a n i m r e t b c p d n a b a t ( w m 0 3 5 : c ) d ( e g a t l o v l a n i m o n l i o c c d v 2 1 : 2 1 0 c d v 8 1 : 8 1 0 c d v 4 2 : 4 2 0 ) e ( l a i r e t a m t c a t n o c y o l l a r e v l i s : w ) f ( n o i t a n g i s e d m o t s u c r e b m u n l a i c e p s rohs compliant
2 ftr-jr series n coil data chart f c f c f c l e d o m l a n i m o n e g a t l o v l i o c e c n a t s i s e r ) % 0 1 ( e t a r e p o t s u m e s a e l e r t s u m l a n i m o n r e w o p o s e i r e s r j - r t f w 2 1 0 ( ) j r j - r t d v 2 1 0 7 2 w c d v 0 . 9 c d v 6 . 0 w m 0 3 5 w 8 1 0 ( ) j r j - r t d v 8 1 0 1 6 w c d v 5 . 3 1 c d v 9 . 0 w m 0 3 5 w 4 2 0 ( ) j r j - r t d v 4 2 0 0 1 , 1 w c d v 0 . 8 1 c d v 2 . 1 w m 0 3 5 e g a t l o v e g a t l o v note: all values in the table are measured at 20c. n specifications * minimum switching loads mentioned above are reference values. please perform the confrmation test with the actual load before production since reference values may vary according to switching frequencies, environmental conditions and expected reliability levels. m e t i s e i r e s r j - r t f t c a t n o c t n e m e g n a r r a a m (spst-no) r o f 1 l a i r e t a m y o l l a r e v l i s ) l a i t i n i ( e c n a t s i s e r m 0 0 1 m u m i x a m ohm ) c d v 6 a 1 t a ( ) e v i t s i s e r ( g n i t a r a 6 1 c a v 7 7 2 t n e r r u c g n i y r r a c m u m i x a m a 0 2 g n i t a r g n i h c t i w s m u m i x a m a v 2 3 4 , 4 e g a t l o v g n i h c t i w s m u m i x a m c a v 0 0 4 t n e r r u c g n i h c t i w s m u m i x a m a 0 2 d a o l g n i h c t i w s m u m i x a m 1 * a m 0 1 , c d v 5 l i o c ) c ? 0 2 t a ( r e w o p l a n i m o n 530mw ) c ? 0 2 t a ( r e w o p e t a r e p o 300mw e r u t a r e p m e t g n i t a r e p o ) t s o r f o n ( c 5 8 + o t c 0 4 - e u l a v e m i t ) e g a t l o v l a n i m o n t a ( e m i t e t a r e p o ) e m i t e c n u o b g n i d u l c x e ( s m 5 1 m u m i x a m ) e g a t l o v l a n i m o n t a ( e m i t e s a e l e r ) e m i t e c n u o b g n i d u l c x e ( s m 0 1 m u m i x a m e f i l l a c i n a h c e m 0 1 x 2 7 m u m i n i m s n o i t a r e p o l a c i r t c e l e g n i t a r t c a t n o c 0 1 x 0 1 4 m u m i n i m s n o i t a r e p o r e h t o n o i t a r b i v e c n a t s i s e r n o i t a r e p o s i m ) m m 5 6 . 1 f o e d u t i l p m a e l b u o d ( z h 5 5 - 0 1 e c n a r u d n e ) m m 0 . 2 f o e d u t i l p m a e l b u o d ( z h 5 5 - 0 1 k c o h s e c n a t s i s e r n o i t a r e p o s i m s / m 0 0 2 2 ) s m 1 1 1 ( e c n a r u d n e s / m 0 0 0 , 1 2 ) s m 1 6 ( t h g i e w g 0 2 y l e t a m i x o r p p a
3 ftr-jr series n insu lation item ftr-jr note resistance (initial) minimum 1,000 m? at 500 vdc dielectric strength open contacts ,000 vac (50/60 hz) min. coil and contacts 5,000 vac (50/60 hz) min. surge voltage (coil and contact) 0,000 v .2 x 50s standard wave type compliance contact rating ul ul 508 e36314 flammability: ul 94-v0 (plastics) 20a, 25vac (resistive) 6a, 277vac (resistive) csa c22.2 no. 14 lr40304 vde 0435, 0631, 0700, 0860 n safety standards complies with cqc
4 ftr-jr series n characteristic data n reference data 100 80 60 40 20 0 1.2 1.0 0.8 0.6 0.4 0.2 0 20a 16a coil power (w) 0.2 20 16 12 8 4 0 1.2 1.2 1.0 0.8 0.6 0.4 timing (ms) release operate 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 100 80 60 40 20 0 must operate voltage (cool coil) must operate voltage (hot coil) coil power (w) temperature rise (deg.) 0a 16a 0a ambient temperature (c o ) nominal voltage multiplying factor timing coil temperature rise operating range 20 10 5 2 1 0.5 0.2 200 100 50 20 10 10 20 500 0.1 1 2 5 contact voltage (v) ac resistive 1000 contact current (a) maximum switching power 0 10 20 30 40 50 60 70 80 90 100 100 80 60 40 20 0 90 70 50 30 10 ftr-jrjb024w n=100 ftr-jrjb024w n=100 0 10 20 30 40 50 60 70 80 90 100 0 1 2 3 4 5 6 7 8 9 10 11 12 ftr-jrjb024w n=100 0 10 20 30 40 50 60 70 80 90 100 20 16 12 8 4 0 18 14 10 6 2 nominal voltage multiplying factor (%) operate release distribution (%) distribution (%) distribution (%) operate release time (ms) contact resistance (m ) distribution of operate and release voltage distribution of operate and release time distribution of contact resistance ? x 20 16 12 8 4 0 20 10 5 2 1 0.5 initial 2000 1000 500 operation (x10 4 ) release operate ftr-jrjb024w n=20 300 operation/min. _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ voltage (v) contact resistance (m ) mechanical life test x x x x x x x x x x x ? 20 18 16 14 12 10 8 6 4 2 0 0.5 1 2 5 10 20 50 100 200 initial 20 10 operation (x10 4 ) ftr-jrjb024w n=10 10 operation/min. 277vac,16a resistive 20 18 16 14 12 10 8 6 4 2 0 0.5 1 2 5 10 20 50 100 200 20 10 ftr-jrjb024w n=15 electrical life test operate release operate release voltge (v) voltge (v) contact resistance (m ) contact resistance (m ) initial operation (x10 4 ) 100 operation/min. 125v (high voltage trans load for magnetron oscillation) (nominal current 15.5 arms with phase control) electrical life test ? ?
5 ftr-jr series unit: mm n dimensions l dimensions l schematics (top view) l pc board mounting hole layout (bottom view) 21.05 6.75 0.5 23.5 25.0 (2.8) o 0.5 0.5 0.5 4 (6.25) 25.5 +0.0 30.0 +0.0 (0.2) 11.0 1.0 1.9 6.35 4.75 5.4 15.0 +0.3 #187 (2.8) 25.0 23.5 o 1.0 ?1.5 (2.0) 11.0 1 4 2 3 com no com no 6 5 ftr-jb type l dimensions l schematics (top view) l pc board mounting hole layout (bottom view) ftr-jc type (2.8) 26.0 (30.0) 2-o 1 2-?1.5 (2.0) 13.5 1 4 2 3 com no 6 5 11.0 (153.4) (21.05) 6.75 0.5 26.0 (2.8) o 0.5 0.5 4.0 25.5 +0.3 (0.2) 13.5 1.0 1.9 6.35 4.75 5.4 #187 1.0 +0.2 11.0
6 ftr-jr series 1. general information l relays produced after the specifc date code that is indicated on each data sheet are lead-free now. all of our signal and power relays are lead-free. please refer to lead-free status info. (http://www.fujitsu.com/us/downloads/micro/fcai/relays/lead-free-letter.pdf) l lead free solder paste currently used in relays is sn-3.0ag-0.5cu. l all signal and power relays also comply with rohs. please refer to individual data sheets. relays that are rohs compliant do not contain the 5 hazardous materials that are restricted by rohs directive (lead, mercury, chromium iv, pbb, pbde). l it has been verifed that using lead-free relays in leaded assembly process will not cause any problems (compatible). l lf is marked on each outer and inner carton. (no marking on individual relays). l to avoid leaded relays (for lead-free sample, etc.) please consult with area sales offce. l we will ship leaded relays as long as the leaded relay inventory exists. note: cadmium was exempted from rohson october 2, 2005. (amendment to directive 2002/95/ec) 2. recommended lead free solder profle l recommended solder paste sn-3.0ag-0.5cu. rohs compliance and lead free relay information refow solder condtion 3. moisture sensitivity l moisture sensitivity level standard is not applicable to electromechanical realys. 4. tin whisker l dipped snagcu solder is known as low risk tin whisker. no considerable length whisker was found by our in house test. we highly recommend that you confrm your actual solder conditions flow solder condtion: pre-heating: maximum 120?c soldering: dip within 5 sec. at 260?c soler bath solder by soldering iron: soldering iron temperature: maximum 360?c duration: maximum 3 sec.
7 ftr-jr series japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@ft.ed.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: components@us.fujitsu.com web: http://www.fujitsu.com/us/services/edevices/components/ europe fujitsu components europe b.v. diamantlaan 25 232 wv hoofddorp netherlands tel: (3-23) 556090 fax: (3-23) 5560950 email: info@fceu.fujitsu.com web: emea.fujitsu.com/components/ asia pacifc fujitsu components asia ltd. 02e pasir panjang road #0-0 citilink warehouse complex singapore 8529 tel: (65) 6375-8560 fax: (65) 6273-302 email: fcal@fcal.fujitsu.com web: http://www.fujitsu.com/sg/services/micro/components/ fujitsu components international headquarter offces ?2007 fujitsu components america, inc. all rights reserved. all trademarks or registered trademarks are the property of their respective owners. fujitsu components america or its affliates do not warrant that the content of datasheet is error free. in a continuing effort to improve our products fujitsu components america, inc. or its affliates reserve the right to change specifcations/datasheets without prior notice. rev. november 30, 2007
|